Part Number Hot Search : 
OP184 X28C64E NJU3711D X28C64E 26MB05B LTC691 W541E200 SZB05A0A
Product Description
Full Text Search
 

To Download IRL1104SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -95576
Logic-Level Gate Drive l Advanced Process Technology l Surface Mount (IRL1104S) l Low-profile through-hole (IRL1104L) l 175C Operating Temperature l Fast Switching l Fully Avalanche Rated l Lead-Free Description
l
IRL1104SPBF IRL1104LPbF
HEXFET(R) Power MOSFET
D
VDSS = 40V RDS(on) = 0.008
G
ID = 104A
S
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRL1104L) is available for lowprofile applications.
D 2 Pak
TO-262
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
104 74 416 2.4 167 1.1 16 340 62 17 5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient(PCB Mounted,steady-state)**
Typ.
--- ---
Max.
0.9 40
Units
C/W
www.irf.com
1
07/19/04
IRL1104S/LPbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS Ciss Coss Crss Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 40 --- --- --- 1.0 53 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID =1mA 0.008 VGS = 10V, ID = 62A W 0.012 VGS = 4.5V, ID = 52A V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 62A 25 VDS =40V, VGS = 0V A 250 VDS = 32V, VGS = 0V, TJ = 150C 100 VGS = 16V nA -100 VGS = -16V 68 ID =62A 24 nC VDS = 32V 34 VGS = 4.5V, See Fig. 6 and 13 --- VDD = 20V --- ID =54A --- RG = 3.6 , V GS = 4.5V --- RD = 0.4, See Fig. 10 Between lead, 7.5 nH --- and center of die contact 3445 --- VGS = 0V 1065 --- pF VDS = 25V 270 --- = 1.0MHz, See Fig. 5 Typ. --- 0.04 --- --- --- --- --- --- --- --- --- --- --- 18 257 32 64
Source-Drain Ratings and Characteristics
IS
I SM
VSD trr Q rr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 104 showing the A G integral reverse --- --- 416 p-n junction diode. S --- --- 1.3 V TJ = 25C, IS =62A, VGS = 0V --- 84 126 ns TJ = 25C, IF =62A --- 223 335 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 ) VDD = 15V, starting TJ = 25C, L = 0.18mH RG = 25, IAS = 62A. (See Figure 12)
Pulse width 300s; duty cycle 2%. Uses IRL1104 data and test conditions. Calculated continuous current based on maximum allowable
ISD 62A, di/dt 217A/s, VDD V(BR)DSS,
junction temperature;for recommended current-handling of the package refer to Design Tip # 93-4 TJ 175C ** When mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994.
2
www.irf.com
IRL1104S/LPbF
1000
I D , Drain-to-Source Current (A)
I D , Drain-to-Source Current (A)
VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 2.7V TOP
1000
VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 2.7V TOP
100
100
10
10
2.7V
2.7V
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
1 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.5
I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 175 C
100
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 104A
2.0
1.5
1.0
10
0.5
1 2.0
V DS = 25 50V 20s PULSE WIDTH 4.0 6.0 8.0 10.0
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRL1104S/LPbF
6000
5000
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = 62 A VDS = 32V VDS = 20V
8
C, Capacitance (pF)
4000
Ciss
6
3000
4
2000
Coss
1000
2
Crss
0 1 10 100
0
FOR TEST CIRCUIT SEE FIGURE 13
0 20 40 60 80
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
10000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
ID , Drain Current (A)
100
TJ = 175 C
1000 10us 100
10
100us 1ms
TJ = 25 C
1
10
10ms
0.1 0.2
VGS = 0 V
0.8 1.4 2.0 2.6
1 1
TC = 25 C TJ = 175 C Single Pulse
10 100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRL1104S/LPbF
120
LIMITED BY PACKAGE
100
V DS V GS RG
RD
D.U.T.
+
ID , Drain Current (A)
80
V DD -
60
4.5V
Pulse Width 1 s Duty Factor 0.1 %
40
Fig 10a. Switching Time Test Circuit
20
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRL1104S/LPbF
EAS , Single Pulse Avalanche Energy (mJ)
800
15V
TOP BOTTOM
600
ID 25A 44A 62A
VDS
L
DRIVER
RG
D.U.T
IAS
+ V - DD
400
A
5 10V
tp
0.01
200
Fig 12a. Unclamped Inductive Test Circuit
0 25 50 75 100 125 150 175
V(BR)DSS tp
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
4.5 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRL1104S/LPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ V DD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRL1104S/LPbF D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information
T H IS IS AN IR F 530S WIT H L OT CODE 8024 AS S E MB L E D ON WW 02, 2000 IN T H E AS S E MB L Y L INE "L" Note: "P " in as s embly line pos ition indicates "Lead-F ree" INT E R NAT IONAL R E CT IF IE R LOGO AS S E MB L Y L OT CODE P AR T NU MB E R F 530S DAT E CODE YE AR 0 = 2000 WE E K 02 L INE L
OR
INT E R NAT IONAL R E CT IF IE R L OGO PAR T NU MB E R F 530S DAT E CODE P = DE S IGNAT E S L E AD-F R E E PRODU CT (OPT IONAL) YE AR 0 = 2000 WE E K 02 A = AS S E MB LY S IT E CODE AS S E MB L Y LOT CODE
8
www.irf.com
IRL1104S/LPbF TO-262 Package Outline
Dimensions are shown in millimeters (inches)
TO-262 Part Marking Information
E XAMPL E : T H IS IS AN IRL 3103L L OT CODE 1789 AS S E MB L E D ON WW 19, 1997 IN T H E AS S E MB L Y LINE "C" Note: "P" in as s embly line pos ition indicates "L ead-F ree" INT E RNAT IONAL RE CT IF IE R L OGO AS S E MB L Y L OT CODE PART NUMB ER
DAT E CODE YE AR 7 = 1997 WE E K 19 L INE C
OR
INT E RNAT IONAL RE CT IF IE R L OGO AS S E MB L Y L OT CODE PART NUMB E R DAT E CODE P = DE S IGNAT E S L EAD-F REE PRODUCT (OPT IONAL ) YE AR 7 = 1997 WE E K 19 A = AS S E MB L Y S IT E CODE
www.irf.com
9
IRL1104S/LPbF D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
30.40 (1.197) MAX.
26.40 (1.039) 24.40 (.961) 3
4
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 07/04
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRL1104SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X